PART |
Description |
Maker |
MAX1022BETXT |
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
|
MAXIM - Dallas Semiconductor
|
MAX1040 MAX1043 MAX1049 MAX1044 MAX1045 MAX1047 MA |
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
|
Maxim Integrated Products
|
MAX1257BETM MAX1258BETM |
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
|
http:// Maxim Integrated Produc...
|
5962-8951104EX 5962-8951102EX |
2.7V, Low-Power, Multichannel, Serial, 8-Bit ADCs Low-Cost, 2-Channel, ±14-Bit Serial ADCs 电压模式开关电源控制器
|
Kingbright, Corp.
|
MAX1110EAP-T MAX1110CPP |
2.7V, Low-Power, Multichannel, Serial, 8-Bit ADCs
|
MAXIM - Dallas Semiconductor
|
AD1937 AD1937WBSTZ AD1937WBSTZ-RL |
Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
|
Analog Devices
|
ADRV9363-W/PCBZ |
Radio frequency (RF) 2 × 2 transceiver with integrated 12-bit DACs and ADCs
|
Analog Devices
|
DSPA56371 |
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs SigmaDSP8-/56-Bit音频处理器双ADC个DAC
|
飞思卡尔半导体(中国)有限公司
|
ADUC842 ADUC842BCP ADUC842BS |
12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
AD[Analog Devices]
|
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|